Part Number Hot Search : 
FCH10A10 S1500 PC3500 MC3405 LT1461ED ES1JE 00201 LV2105V
Product Description
Full Text Search
 

To Download SS110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss12 thru SS110 surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 1.0 ampere features mechanical data * plastic package has underwriters laboratory flammability classification 94v-0 * for surface mount applications * low profile package * built-in strain relief * metal sillicon junction, majority carrier conduction * low power loss, high efficiency * high current capability, low forward voltage drop * high surge capability * for use in low voltage high frequency inverters, free wheeling, and polarity protection applications * guardring for overvoltage protection * high temperature soldering guaranteed : 260 o c/10 seconds, at terminals case : jedec do-214ac molded plastic body terminals : tin plated, solderable per mil-std-750d method 2026 polarity : color band denotes cathode end weight : 0.002 ounes , 0.064 gram maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. maximum repetitive peak reverse voltage maximum average forward rectified current (see fig.1) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0 a (note 1) maximum dc reverse current at rated dc blocking voltage (note 1) t a =25 o c typical thermal resistance (note 2) storage temperature range symbols v rrm i (av) i fsm v f i r t stg 1.0 30 0.50 0.85 0.70 0.5 10 5.0 88 28 -65 to +150 units volts maximum rms voltage v rms volts maximum dc blocking voltage v dc ss12 20 14 20 ss14 40 28 40 ss16 60 42 60 SS110 100 70 100 volts volts amps amps ma o c / w o c operating junction temperature range t j -65 to +125 -65 to +150 o c notes : (1) pulse test : 300us pulse width, 1% duty cycle (2) p.c.b. mounted with 0.2 x 0.2" ( 5.0 x 5.0mm ) copper pad areas sma/do-214ac *dimensions in inches and (millimeters) r ja r jl t a =100 o c zowie t echnology corporation rev . 2 0.115(2.92) 0.090(2.28) 0.096(2.43) 0.078(1.99) 0.050(1.27) 0.030(0.77) 0.016(0.41) 0.006(0.15) 0.181(4.60) 0.157(4.00) max. 0.203 0.064(1.63) 0.050(1.27) 0.220(5.60) 0.191(4.84)
ratings and characteristic curves ss12 thru SS110 fig.1 - forward current derating curve fig.3 - typical instantaneous forward characteristics average forward rectified current, amperes iinstantaneous forward current, amperes lead temperature, o c instantaneous forward voltage, volts fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave (jedec method) 0 10 20 30 40 1 10 100 fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse leakage current, milliamperes fig.5 - typical junction capacitance tj = 25 o c f = 1.0mhz vsig = 50mvp-p reverse voltage, volts junction capacitance, pf 50 0 0.5 1.0 resistive or inductive load ss12~ss14 ss16~SS110 p.c.b. mounted 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas 70 90 110 130 150 170 ss12~ss14 ss16~SS110 ss12~ss14 ss16~SS110 ss12~ss14 ss16~SS110 0 0.01 0.1 1 10 50 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 t j =25 o c t j =150 o c pulse width=300us 1% duty cycle 0 0.1 1 10 100 0.001 10 100 400 0.01 0.1 1.0 10 100 20 40 60 80 100 t j =25 o c t j =75 o c t j =100 o c zowie technology corporation rev. 2


▲Up To Search▲   

 
Price & Availability of SS110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X